Part Number Hot Search : 
K2699 5261B LC374 250BZX 2SD1827 10N40 TSP080 00506
Product Description
Full Text Search
 

To Download 1303360000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | sak-series modular terminals | ts 15 | modular pe terminals - 1 - general ordering data order no. 0211200000 part designation ake 4 ms version earth terminal, 4 mm2, screw connection, pa 66, ts 15 ean 4008190074906 qty. 50 pc(s). additional technical data connection direction on side end plate required no explosion-tested version "ex e" no installation advice ts 15 insulating material pa 66 levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides open operating temperature range - 50 c, + 100 c product family sak series type of connection screwed type of mounting screwed ul 94 flammability rating of insulation material v2 version pe terminal conductors for clamping (additional connection) flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 2.5 mm2 conductors for clamping (rated connection) clamping range, min. 0.5 mm2 clamping range, max. 4 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 1
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 15 | modular pe terminals - 2 - conductors for clamping (rated connection) stripping length 9 mm clamping screw m 3.5 blade size 0.6 x 3.5 mm tightening torque range 0.8...1.6 nm torque level with dms electric screwdriver 3 gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 stranded, min. 1.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 4 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 4 mm2 awg conductor size, min. 0.5 mm2 awg conductor size, max. 4 mm2 dimensions width 7 mm height of lowest version 30 mm length 32 mm ts 15 offset 16 mm disconnect terminals torque level with dms electric screwdriver 3 pe rating data centre screw on pe terminals m 3.5 pen function no pollution severity 3 rated cross-section 4 mm2 rated short-time current 480 a (4 mm2) standards iec 60947-7-2 tightening torque range for fixing screw 0.8...1.6 nm torque level with dms electric screwdriver 3 rating data rated cross-section 4 mm2 standards iec 60947-7-2 pollution severity 3 approvals approvals institutes
product catalogue | terminals | screwing technology | sak-series modular terminals | ts 15 | modular pe terminals - 3 - approvals classifications etim 2.0 ec000901 etim 3.0 ec000901 eclass 4.1 27-14-03-05 eclass 5.0 27-14-03-05 eclass 5.1 27-14-03-05 similar products order no. part designation version 1303360000 ake 2.5 earth terminal, 2.5 mm2, screw connection, polyamide, green/ yellow, ts 15 0380260000 ake 4 earth terminal, 4 mm2, screw connection, pa 66, green/yellow, ts 15


▲Up To Search▲   

 
Price & Availability of 1303360000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X